Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTB143ECT216 Datasheet (PDF) - Rohm

DTB143ECT216 Datasheet PDF - Rohm
Part # DTB143ECT216
Download  DTB143ECT216 Download
File Size   520.57 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -500mA -50V Digital Transistors

DTB143ECT216 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTB143ECT216 Datasheet PDF - Rohm

Part # DTB143ECT216
Download  DTB143ECT216 Click to download

File Size   520.57 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -500mA -50V Digital Transistors

DTB143ECT216 Datasheet (HTML) - Rohm




Similar Part No. - DTB143ECT216

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB143EC ROHM-DTB143EC Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTB143EC LRC-DTB143EC Datasheet
77Kb / 2P
Digital transistors(built-in resistors)
logo
E-Tech Electronics LTD
DTB143EC ETL-DTB143EC Datasheet
110Kb / 2P
Digital transistors (built-in resistors)
logo
Rohm
DTB143EC ROHM-DTB143EC Datasheet
1Mb / 8P
Digital transistor
DTB143ECHZG ROHM-DTB143ECHZG Datasheet
1Mb / 9P
-500mA/-50V Digital transistor (with built-in resistor)
More results


Similar Description - DTB143ECT216

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
500mA / 50V Digital transistors
DTB123YUT106 ROHM-DTB123YUT106 Datasheet
411Kb / 7P
PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD114EKT146 ROHM-DTD114EKT146 Datasheet
433Kb / 6P
NPN 500mA 50V Digital Transistors
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
PNP -500mA -50V Digital Transistor
DTB123YC ROHM-DTB123YC Datasheet
1Mb / 8P
PNP -500mA -50V Digital transistor
DTB114EK ROHM-DTB114EK_16 Datasheet
915Kb / 8P
PNP -500mA -50V Digital Transistor
DTD113EK ROHM-DTD113EK_12 Datasheet
385Kb / 7P
NPN 500mA 50V Digital Transistors
DTD114GK ROHM-DTD114GK_12 Datasheet
336Kb / 6P
NPN 500mA 50V Digital Transistors
DTD123YK ROHM-DTD123YK_12 Datasheet
372Kb / 7P
NPN 500mA 50V Digital Transistors
DTD143EK ROHM-DTD143EK_12 Datasheet
370Kb / 7P
NPN 500mA 50V Digital Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com