Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA128-16AN Datasheet (PDF) - ATMEL Corporation

ATMEGA128-16AN Datasheet PDF - ATMEL Corporation
Part # ATMEGA128-16AN
Download  ATMEGA128-16AN Download
File Size   481.89 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash

ATMEGA128-16AN Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA128-16AN Datasheet PDF - ATMEL Corporation

Part # ATMEGA128-16AN
Download  ATMEGA128-16AN Click to download

File Size   481.89 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash

ATMEGA128-16AN Datasheet (HTML) - ATMEL Corporation


ATMEGA128-16AN Product details

Overview
The Atmel® AVR® ATmega128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega128 achieves throughputs approaching 1MIPS per MHz allowing the system designer to optimize power consumption versus processing speed. The Atmel® AVR® core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High-performance, Low-power Atmel®AVR®8-bit Microcontroller
• Advanced RISC Architecture
   – 133 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers + Peripheral Control Registers
   – Fully Static Operation
   – Up to 16MIPS Throughput at 16MHz
   – On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory segments
   – 128Kbytes of In-System Self-programmable Flash program memory
   – 4Kbytes EEPROM
   – 4Kbytes Internal SRAM
   – Write/Erase cycles: 10,000 Flash/100,000 EEPROM
   – Data retention: 20 years at 85°C/100 years at 25°C(1)
   – Optional Boot Code Section with Independent Lock Bits
      In-System Programming by On-chip Boot Program
      True Read-While-Write Operation
   – Up to 64Kbytes Optional External Memory Space
   – Programming Lock for Software Security
   – SPI Interface for In-System Programming
• QTouch® library support
   – Capacitive touch buttons, sliders and wheels
   – QTouch and QMatrix acquisition
   – Up to 64 sense channels
• JTAG (IEEE std. 1149.1 Compliant) Interface
   – Boundary-scan Capabilities According to the JTAG Standard
   – Extensive On-chip Debug Support
   – Programming of Flash, EEPROM, Fuses and Lock Bits through the JTAG Interface
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
   – Two Expanded 16-bit Timer/Counters with Separate Prescaler, Compare Mode and Capture
      Mode
   – Real Time Counter with Separate Oscillator
   – Two 8-bit PWM Channels
   – 6 PWM Channels with Programmable Resolution from 2 to 16 Bits
   – Output Compare Modulator
   – 8-channel, 10-bit ADC
      8 Single-ended Channels
      7 Differential Channels
      2 Differential Channels with Programmable Gain at 1x, 10x, or 200x
   – Byte-oriented Two-wire Serial Interface
   – Dual Programmable Serial USARTs
   – Master/Slave SPI Serial Interface
   – Programmable Watchdog Timer with On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – External and Internal Interrupt Sources
   – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and
      Extended Standby
   – Software Selectable Clock Frequency
   – ATmega103 Compatibility Mode Selected by a Fuse
   – Global Pull-up Disable
• I/O and Packages
   – 53 Programmable I/O Lines
   – 64-lead TQFP and 64-pad QFN/MLF
• Operating Voltages
   – 2.7 - 5.5V ATmega128L
   – 4.5 - 5.5V ATmega128
• Speed Grades
   – 0 - 8MHz ATmega128L
   – 0 - 16MHz ATmega128




Similar Part No. - ATMEGA128-16AN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
360Kb / 16P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
317Kb / 31P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128-16AC ATMEL-ATMEGA128-16AC Datasheet
349Kb / 16P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA128-16AI ATMEL-ATMEGA128-16AI Datasheet
360Kb / 16P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128-16AI ATMEL-ATMEGA128-16AI Datasheet
317Kb / 31P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
More results


Similar Description - ATMEGA128-16AN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATTINY1634 ATMEL-ATTINY1634 Datasheet
744Kb / 18P
8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com