Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN95016 Datasheet (PDF) - API Technologies Corp

MN95016 Datasheet PDF - API Technologies Corp
Part # MN95016
Download  MN95016 Download
File Size   78.43 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 1090 MHz SAW Filter 12 MHz Bandwidth

MN95016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN95016 Datasheet PDF - API Technologies Corp

Part # MN95016
Download  MN95016 Click to download

File Size   78.43 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 1090 MHz SAW Filter 12 MHz Bandwidth

MN95016 Datasheet (HTML) - API Technologies Corp




Similar Part No. - MN95016

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN95015 APITECH-MN95015 Datasheet
77Kb / 3P
1030 MHz SAW Filter 12 MHz Bandwidth
More results


Similar Description - MN95016

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
SAW Filter 1090 MHz
logo
API Technologies Corp
SF0140BA03115S APITECH-SF0140BA03115S Datasheet
156Kb / 3P
140 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF00480BA02643S SPECTRUM-SF00480BA02643S Datasheet
170Kb / 3P
480 MHz SAW Filter 12 MHz Bandwidth
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
864 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
1090 MHz SAW Filter
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
1090 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
SAW Filter 1090 MHz
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
SAW Filter 1090 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com