Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP30A Datasheet (PDF) - Leshan Radio Company

EGP30A Datasheet PDF - Leshan Radio Company
Part # EGP30A
Download  EGP30A Download
File Size   195.69 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Plastic package has Underwriters Laboratory Flammability Classification 94V-0

EGP30A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP30A Datasheet PDF - Leshan Radio Company

Part # EGP30A
Download  EGP30A Click to download

File Size   195.69 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Plastic package has Underwriters Laboratory Flammability Classification 94V-0

EGP30A Datasheet (HTML) - Leshan Radio Company


EGP30A Product details

Reverse Voltage 50 to 1000V



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High temperature metallurgically bonded construction

* Cavity-free glass passivated junction

* Capable of meeting environmental standards of MIL-S-19500

* For use in high frequency rectifier circuits

* Fast switching for high efficiency

* High temperature soldering guaranteed: 260°C/10 seconds

* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - EGP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
General Semiconductor
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGP30A MCC-EGP30A Datasheet
82Kb / 3P
3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
List of Unclassifed Man...
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
EGP30A TSC-EGP30A Datasheet
73Kb / 2P
3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
More results


Similar Description - EGP30A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com