Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4KE6.8 Datasheet (PDF) - Leshan Radio Company

P4KE6.8 Datasheet PDF - Leshan Radio Company
Part # P4KE6.8
Download  P4KE6.8 Download
File Size   190.92 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts

P4KE6.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE6.8 Datasheet PDF - Leshan Radio Company

Part # P4KE6.8
Download  P4KE6.8 Click to download

File Size   190.92 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts

P4KE6.8 Datasheet (HTML) - Leshan Radio Company


P4KE6.8 Product details

VOLTAGE - 6.8 TO 550 Volts
400Watt Peak Power 1.0 Watt Steady State

Feature
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O
* Glass passivated chip junction in DO-41 package
* 400W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically less than 1.0 ps from 0 volts to BV min
* Typical IR less than 1μA above 10V
* High temperature soldering guaranteed: 260/10 seconds/.375”,(9.5mm) lead length/5lbs., (2.3kg) tension




Similar Part No. - P4KE6.8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE6.8 PANJIT-P4KE6.8 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE6.8 TRSYS-P4KE6.8 Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE6.8 WTE-P4KE6.8 Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Jinan Gude Electronic D...
P4KE6.8 JGD-P4KE6.8 Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Bytes
P4KE6.8 BYTES-P4KE6.8 Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - P4KE6.8

ManufacturerPart #DatasheetDescription
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com