Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF51G Datasheet (PDF) - Leshan Radio Company

SF51G Datasheet PDF - Leshan Radio Company
Part # SF51G
Download  SF51G Download
File Size   193.78 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51G Datasheet (PDF)

Go To PDF Page Download Datasheet
SF51G Datasheet PDF - Leshan Radio Company

Part # SF51G
Download  SF51G Click to download

File Size   193.78 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51G Datasheet (HTML) - Leshan Radio Company


SF51G Product details

Reverse Voltage 50 to 600V Forward Current 5.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Glass passivated chip
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed: 260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - SF51G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF51G MCC-SF51G Datasheet
120Kb / 1P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
MIC GROUP RECTIFIERS
SF51G MIC-SF51G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF51G CHONGQING-SF51G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF51G SECOS-SF51G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF51G MCC-SF51G Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
More results


Similar Description - SF51G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF601G LRC-SF601G Datasheet
179Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com