Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB1069A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1069A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB1069A
Download  TB1069A Download
File Size   168.47 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 534.5MHz 0.4MHz BW (SMD 7.0횞5.0 mm)

TB1069A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB1069A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1069A
Download  TB1069A Click to download

File Size   168.47 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 534.5MHz 0.4MHz BW (SMD 7.0횞5.0 mm)

TB1069A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TB1069A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1069A GOLLEDGE-TB1069A Datasheet
93Kb / 6P
SAW Filter 534.50MHz
More results


Similar Description - TB1069A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1012A TAI-SAW-TB1012A Datasheet
106Kb / 7P
SAW Filter 213.17MHz 8.16MHz BW (SMD 7.0횞5.0 mm)
TB1142A TAI-SAW-TB1142A Datasheet
337Kb / 8P
SAW Filter 230.4MHz 60MHz BW (SMD 7.0횞5.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1176A TAI-SAW-TB1176A Datasheet
200Kb / 10P
SAW Filter 184.32MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1177A TAI-SAW-TB1177A Datasheet
141Kb / 7P
SAW Filter 210MHz 23.85MHz BW (SMD 7.0횞5.0 mm)
TA2555A TAI-SAW-TA2555A Datasheet
473Kb / 7P
SAW Filter 160MHz SMD 7.0횞5.0 mm (BW=8MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com