Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0144A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0144A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0144A
Download  TC0144A Download
File Size   347.83 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 5X5 mm

TC0144A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0144A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0144A
Download  TC0144A Click to download

File Size   347.83 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 5X5 mm

TC0144A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0144A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC0144A GOLLEDGE-TC0144A Datasheet
77Kb / 3P
SAW Resonator 868.350MHz
More results


Similar Description - TC0144A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
SAW Resonator 916.5 MHz SMD 5X5 mm
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
SAW Resonator 915 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
SAW Resonator 435.72 MHz SMD 5X5 mm
TC0504A TAI-SAW-TC0504A Datasheet
436Kb / 6P
SAW Resonator 446 MHz SMD 5X5 mm
TC0138A TAI-SAW-TC0138A Datasheet
352Kb / 5P
SAW Resonator 868.35 MHz SMD 5X5 mm
TC0193A TAI-SAW-TC0193A Datasheet
355Kb / 4P
SAW Resonator 868.300 MHz SMD 5X5 mm
TC0196A TAI-SAW-TC0196A Datasheet
349Kb / 4P
SAW Resonator 868.35 MHz SMD 5X5 mm
TC0206A TAI-SAW-TC0206A Datasheet
356Kb / 4P
SAW Resonator 433.42 MHz SMD 5X5 mm
TD0106A TAI-SAW-TD0106A Datasheet
345Kb / 4P
SAW Resonator 915 MHz SMD 5X5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com