Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15KE Datasheet (PDF) - Bytes

15KE Datasheet PDF - Bytes
Part # 15KE
Download  15KE Download
File Size   304.43 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

15KE Datasheet (PDF)

Go To PDF Page Download Datasheet
15KE Datasheet PDF - Bytes

Part # 15KE
Download  15KE Click to download

File Size   304.43 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

15KE Datasheet (HTML) - Bytes


15KE Product details

VOLTAGE RANGE 6.8 to 440 Volts
1500 Watts Peak Power 5.0 Watts Steady State
   
FEATURES
* 1500 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than
    1.0ps from 0 volt to BV min.
* Typical IR less than 1μA above 10V
* High temperature soldering guaranteed:
    260 °C / 10 seconds / .375"(9.5mm) lead
    length, 5lbs.(2.3kg) tension
   




Similar Part No. - 15KE

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
15KE TRSYS-15KE Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
15KE WTE-15KE Datasheet
65Kb / 5P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
15KE RECTRON-15KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
15KE EIC-15KE Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
15KE PANJIT-15KE Datasheet
82Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 15KE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com