Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIM400 Datasheet (PDF) - Lineage Power Corporation

PIM400 Datasheet PDF - Lineage Power Corporation
Part # PIM400
Download  PIM400 Download
File Size   1541.83 Kbytes
Page   20 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36 to -75 Vdc; 400W/10A

PIM400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIM400 Datasheet PDF - Lineage Power Corporation

Part # PIM400
Download  PIM400 Click to download

File Size   1541.83 Kbytes
Page   20 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36 to -75 Vdc; 400W/10A

PIM400 Datasheet (HTML) - Lineage Power Corporation




Similar Part No. - PIM400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PIM453 ETC-PIM453 Datasheet
247Kb / 3P
PMW3901 Optical Flow Sensor Breakout
More results


Similar Description - PIM400

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com