Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS401M Datasheet (PDF) - Bytes

RS401M Datasheet PDF - Bytes
Part # RS401M
Download  RS401M Download
File Size   148.33 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS

RS401M Datasheet (PDF)

Go To PDF Page Download Datasheet
RS401M Datasheet PDF - Bytes

Part # RS401M
Download  RS401M Click to download

File Size   148.33 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS

RS401M Datasheet (HTML) - Bytes


RS401M Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT 4.0 Amperes



FEATURES

* Ideal for printed circuit board

* Low forward voltage

* Polarity: marked on body

* Mounting position: Any

* Low leakage current

* Weight: 4.0 grams



 




Similar Part No. - RS401M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
SeCoS Halbleitertechnol...
RS401M SECOS-RS401M Datasheet
291Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RS401M SEMTECH_ELEC-RS401M Datasheet
241Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
WILLAS ELECTRONIC CORP
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Zibo Seno Electronic En...
RS401M ZSELEC-RS401M Datasheet
96Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - RS401M

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com