Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSG13003AR Datasheet (PDF) - SemiHow Co.,Ltd.

KSG13003AR Datasheet PDF - SemiHow Co.,Ltd.
Part # KSG13003AR
Download  KSG13003AR Download
File Size   541.16 Kbytes
Page   4 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description Switch Mode series NPN silicon Power Transistor

KSG13003AR Datasheet (PDF)

Go To PDF Page Download Datasheet
KSG13003AR Datasheet PDF - SemiHow Co.,Ltd.

Part # KSG13003AR
Download  KSG13003AR Click to download

File Size   541.16 Kbytes
Page   4 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description Switch Mode series NPN silicon Power Transistor

KSG13003AR Datasheet (HTML) - SemiHow Co.,Ltd.


KSG13003AR Product details

General Description
• High Speed Switching
• Suitable for Electronic Ballast up to 21W

Features
• VCBO = 700V
• VCEO = 400V
• VBEO = 9V
• IC = 1.5A






Similar Part No. - KSG13003AR

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSG13003A SEMIHOW-KSG13003A Datasheet
254Kb / 10P
NPN Silicon Power Transistor
More results


Similar Description - KSG13003AR

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSH13005AF SEMIHOW-KSH13005AF Datasheet
231Kb / 5P
Switch Mode series NPN silicon Power Transistor
KSH13007 SEMIHOW-KSH13007 Datasheet
237Kb / 6P
Switch Mode series NPN silicon Power Transistor
KSH13007F SEMIHOW-KSH13007F Datasheet
234Kb / 5P
Switch Mode series NPN silicon Power Transistor
KSH13008A SEMIHOW-KSH13008A Datasheet
235Kb / 6P
Switch Mode series NPN silicon Power Transistor
KSH13009 SEMIHOW-KSH13009 Datasheet
235Kb / 6P
Switch Mode series NPN silicon Power Transistor
KSH13009AL SEMIHOW-KSH13009AL Datasheet
232Kb / 5P
Switch Mode series NPN silicon Power Transistor
KSH13009AL SEMIHOW-KSH13009AL Datasheet
232Kb / 5P
Switch Mode series NPN silicon Power Transistor
KSH13009L SEMIHOW-KSH13009L Datasheet
200Kb / 7P
Switch Mode series NPN silicon Power Transistor-
KSD13005A SEMIHOW-KSD13005A Datasheet
498Kb / 6P
Switch Mode series NPN silicon Power Transistor
KSH13004A SEMIHOW-KSH13004A Datasheet
234Kb / 6P
Switch Mode series NPN silicon Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com