Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSH13003A Datasheet (PDF) - SemiHow Co.,Ltd.

KSH13003A Datasheet PDF - SemiHow Co.,Ltd.
Part # KSH13003A
Download  KSH13003A Download
File Size   374.59 Kbytes
Page   5 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description High Voltage Switch Mode Applications

KSH13003A Datasheet (PDF)

Go To PDF Page Download Datasheet
KSH13003A Datasheet PDF - SemiHow Co.,Ltd.

Part # KSH13003A
Download  KSH13003A Click to download

File Size   374.59 Kbytes
Page   5 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description High Voltage Switch Mode Applications

KSH13003A Datasheet (HTML) - SemiHow Co.,Ltd.


KSH13003A Product details

General Description
• High Speed Switching
• Suitable for Electronic Ballast up to 21W

Features
• VCBO = 700V
• VCEO = 400V
• VBEO = 9V
• IC = 1.5A






Similar Part No. - KSH13003A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSH13003A SEMIHOW-KSH13003A Datasheet
254Kb / 10P
NPN Silicon Power Transistor
More results


Similar Description - KSH13003A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE13003 FAIRCHILD-KSE13003 Datasheet
48Kb / 4P
High Voltage Switch Mode Applications
KSE13003T FAIRCHILD-KSE13003T Datasheet
47Kb / 4P
High Voltage Switch Mode Applications
KSE13009L FAIRCHILD-KSE13009L Datasheet
43Kb / 4P
High Voltage Switch Mode Applications
FJA13009 FAIRCHILD-FJA13009 Datasheet
51Kb / 5P
High Voltage Switch Mode Applications
FJA13009 FAIRCHILD-FJA13009 Datasheet
51Kb / 5P
High Voltage Switch Mode Applications
FJE3303 FAIRCHILD-FJE3303 Datasheet
70Kb / 6P
High Voltage Switch Mode Applications
logo
SemiHow Co.,Ltd.
KSB13003A SEMIHOW-KSB13003A Datasheet
500Kb / 6P
High Voltage Switch Mode Application
KSB13003AR SEMIHOW-KSB13003AR Datasheet
536Kb / 7P
High Voltage Switch Mode Application
KSB13003C SEMIHOW-KSB13003C Datasheet
912Kb / 6P
High Voltage Switch Mode Application
KSD13003E SEMIHOW-KSD13003E Datasheet
553Kb / 5P
High Voltage Switch Mode Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com