Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ43CA Datasheet (PDF) - Bytes

SMBJ43CA Datasheet PDF - Bytes
Part # SMBJ43CA
Download  SMBJ43CA Download
File Size   338.59 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMBJ43CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ43CA Datasheet PDF - Bytes

Part # SMBJ43CA
Download  SMBJ43CA Click to download

File Size   338.59 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMBJ43CA Datasheet (HTML) - Bytes


SMBJ43CA Product details

VOLTAGE RANGE 5.0 to 170 Volts 600 Watts Peak Power

FEATURES
* For surface mount application 1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed: 260°C / 10 seconds at terminals
* Typical IR less than 1mA above 10V
* Fast response time: Typically less than
* Built-in strain relief
* Excellent clamping capability
* Low profile package




Similar Part No. - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ43CA DIODES-SMBJ43CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
EIC discrete Semiconduc...
SMBJ43CA EIC-SMBJ43CA Datasheet
18Kb / 4P
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ43CA MCC-SMBJ43CA Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
logo
Fairchild Semiconductor
SMBJ43CA FAIRCHILD-SMBJ43CA Datasheet
87Kb / 4P
Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
logo
Littelfuse
SMBJ43CA LITTELFUSE-SMBJ43CA Datasheet
326Kb / 5P
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results


Similar Description - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
5.0SMDJ GWSEMI-5.0SMDJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com