Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2052MPBF Datasheet (PDF) - International Rectifier

IRS2052MPBF Datasheet PDF - International Rectifier
Part # IRS2052MPBF
Download  IRS2052MPBF Download
File Size   435.81 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2 channel integrated analog input Class D audio amplifier driver

IRS2052MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2052MPBF Datasheet PDF - International Rectifier

Part # IRS2052MPBF
Download  IRS2052MPBF Click to download

File Size   435.81 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2 channel integrated analog input Class D audio amplifier driver

IRS2052MPBF Datasheet (HTML) - International Rectifier




Similar Part No. - IRS2052MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF_15 Datasheet
435Kb / 23P
2 CH Digital Audio Amplifier
More results


Similar Description - IRS2052MPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
Analog Signal Input Class D Amplifier
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
50W/2 x 2 Channel Class D Audio Power Amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
Shenzhenshi YONGFUKANG ...
NS4225 YONGFUKANG-NS4225 Datasheet
711Kb / 17P
2-channel 2X25W, filterless, Class D audio amplifier
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com