Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ11C Datasheet (PDF) - Bytes

SMAJ11C Datasheet PDF - Bytes
Part # SMAJ11C
Download  SMAJ11C Download
File Size   336.59 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMAJ11C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ11C Datasheet PDF - Bytes

Part # SMAJ11C
Download  SMAJ11C Click to download

File Size   336.59 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMAJ11C Datasheet (HTML) - Bytes


SMAJ11C Product details

VOLTAGE RANGE 5.0 to 170 Volts 400 Watts Peak Power

FEATURES
* For surface mount application
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds at terminals




Similar Part No. - SMAJ11C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMAJ11C ETC-SMAJ11C Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMAJ11C UNIOHM-SMAJ11C Datasheet
342Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMAJ11C SECOS-SMAJ11C Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ11C LUGUANG-SMAJ11C Datasheet
843Kb / 4P
400Watts Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMAJ11C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
5.0SMDJ GWSEMI-5.0SMDJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com