Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1023 Datasheet (PDF) - Dallas Semiconductor

DS1023 Datasheet PDF - Dallas Semiconductor
Part # DS1023
Download  DS1023 Download
File Size   257.29 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 8-Bit Programmable Timing Element

DS1023 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1023 Datasheet PDF - Dallas Semiconductor

Part # DS1023
Download  DS1023 Click to download

File Size   257.29 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 8-Bit Programmable Timing Element

DS1023 Datasheet (HTML) - Dallas Semiconductor


DS1023 Product details

DESCRIPTION
The DS1023 is an 8-bit programmable delay line similar in function to the DS1020/DS1021.

FEATURES
■ Step sizes of 0.25 ns, 0.5 ns, 1 ns, 2 ns, 5 ns
■ On-chip reference delay
■ Configurable as delay line, pulse width
   modulator, or free-running oscillator
■ Can delay clocks by a full period or more
■ Guaranteed monotonicity
■ Parallel or serial programming
■ Single 5V supply
■ 16-pin DIP or SOIC package




Similar Part No. - DS1023

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
logo
Dallas Semiconductor
DS1023-025 DALLAS-DS1023-025 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
DS1023-050 DALLAS-DS1023-050 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
DS1023-100 DALLAS-DS1023-100 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
More results


Similar Description - DS1023

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
5-Tap Economy Timing Element Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
8-Bit Programmable
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com