Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4393 Datasheet (PDF) - Calogic, LLC

2N4393 Datasheet PDF - Calogic, LLC
Part # 2N4393
Download  2N4393 Download
File Size   29.72 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description N-Channel JFET Switch

2N4393 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4393 Datasheet PDF - Calogic, LLC

Part # 2N4393
Download  2N4393 Click to download

File Size   29.72 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description N-Channel JFET Switch

2N4393 Datasheet (HTML) - Calogic, LLC


2N4393 Product details

FEATURES

• rds(on)<300 Ohms (2N4391)

• ID(OFF)<100pA

• Switches ±10VAC With ±15V Supplies (4392, 4393)



 




Similar Part No. - 2N4393

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
2N4393 LINEAR-2N4393 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
List of Unclassifed Man...
2N4393 ETC1-2N4393 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Vishay Siliconix
2N4393 VISHAY-2N4393 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
logo
RHOPOINT COMPONENTS
2N4393 RHOPOINT-2N4393 Datasheet
391Kb / 14P
N-Channel Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N4393 INTERSIL-2N4393 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - 2N4393

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108 Datasheet
21Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
N-Channel JFET Switch
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com