Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN4391 Datasheet (PDF) - Calogic, LLC

PN4391 Datasheet PDF - Calogic, LLC
Part # PN4391
Download  PN4391 Download
File Size   29.72 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description N-Channel JFET Switch

PN4391 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN4391 Datasheet PDF - Calogic, LLC

Part # PN4391
Download  PN4391 Click to download

File Size   29.72 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description N-Channel JFET Switch

PN4391 Datasheet (HTML) - Calogic, LLC


PN4391 Product details

FEATURES

• rds(on)<300 Ohms (2N4391)

• ID(OFF)<100pA

• Switches ±10VAC With ±15V Supplies (4392, 4393)



 




Similar Part No. - PN4391

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
N-channel silicon field-effect transistors
April 1989
logo
Fairchild Semiconductor
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
N-Channel Switch
logo
Linear Integrated Syste...
PN4391 LINEAR-PN4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Vishay Siliconix
PN4391 VISHAY-PN4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
logo
Central Semiconductor C...
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
More results


Similar Description - PN4391

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108 Datasheet
21Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
N-Channel JFET Switch
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com