Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2830 Datasheet (PDF) - Calogic, LLC

CLM2830 Datasheet PDF - Calogic, LLC
Part # CLM2830
Download  CLM2830 Download
File Size   40.42 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 3.0A Low Dropout Voltage Regulator Adjustable

CLM2830 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM2830 Datasheet PDF - Calogic, LLC

Part # CLM2830
Download  CLM2830 Click to download

File Size   40.42 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 3.0A Low Dropout Voltage Regulator Adjustable

CLM2830 Datasheet (HTML) - Calogic, LLC


CLM2830 Product details

PRODUCT DESCRIPTION
The Calogic CLM2830 is a low power 3A adjustable voltage regulator that is very easy to use. It requires only 2 external resistors to set the output voltage. This device is an excellent choice for use in powering IntelTM microprocessors to convert from +5V to 3.3V supplies and as a post regulator for switching supplies applications.

FEATURES
• Adjustable Output Down to 1.2V
• Output Current of 3A
• Low Dropout Voltage
• Extremely Tight Load Regulation 0.01%(typ.)
• Extremely Tight Line Regulation 0.015%(typ.)
• Current and Thermal Limiting
• Standard 3-Terminal Low Cost TO-220
• Similar to Industry Standard LT1085

APPLICATIONS
• Powering Intel PentiumTM µP from +5V Supplies
• Power PCTM Supplies
• SMPS Post-Regulator
• High Efficiency "Green" Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery Chargers




Similar Part No. - CLM2830

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
CLM2805A CALOGIC-CLM2805A Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
CLM2805A-X CALOGIC-CLM2805A-X Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
CLM2805AZ-X CALOGIC-CLM2805AZ-X Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
CLM2805C CALOGIC-CLM2805C Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
More results


Similar Description - CLM2830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
3.0A Low Dropout Voltage Regulator
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com