Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2931 Datasheet (PDF) - Calogic, LLC

CLM2931 Datasheet PDF - Calogic, LLC
Part # CLM2931
Download  CLM2931 Download
File Size   70.49 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Dropout Voltage Regulators

CLM2931 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM2931 Datasheet PDF - Calogic, LLC

Part # CLM2931
Download  CLM2931 Click to download

File Size   70.49 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Dropout Voltage Regulators

CLM2931 Datasheet (HTML) - Calogic, LLC


CLM2931 Product details

PRODUCT DESCRIPTION
The CLM2931 is a positive low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The CLM2931 features very low quiescent current (0.4mA) and very low drop output voltage (typ. 50mV at light load and 300mV at 100mA). other features include the logic-compatible on/off input which enables the regulator to be switched on and off.
The regulator output voltage may be internally pin-strapped for a 5V, 3V, 3.3V, 3.5V, 4.0V, 4.5V or programmed from 3V to 24V with an external pair of resistors. Using Calogic’s design, process and testing technique make the CLM2931 superior over similar products.

FEATURES
• 5V, 3.3V, 3.5V, 4.0V, and 4.5V Versions Available
• Output Current in Excess of 100mA
• Input-Output Differential is Less Than 0.6V
• Mirror-Image Insertion Protection
• Internal Thermal Overload Protection
• Available as Adjustable with TTL Compatible Switch
• Similar to Industry Standard LM2931
• Reverse Battery Protection
• Short Circuit Protection
• 60V Load Dump Protection
• -50V Reverse Transient Protection

APPLICATIONS
• Portable Instrumentation
• Radio Control Systems
• Cordless Telephones




Similar Part No. - CLM2931

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
CLM2930-3 CALOGIC-CLM2930-3 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
CLM2930-33 CALOGIC-CLM2930-33 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
CLM2930-4 CALOGIC-CLM2930-4 Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
CLM2930A CALOGIC-CLM2930A Datasheet
84Kb / 4P
150mA Low Dropout Voltage Regulators
More results


Similar Description - CLM2931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com