Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4041 Datasheet (PDF) - Calogic, LLC

CLM4041 Datasheet PDF - Calogic, LLC
Part # CLM4041
Download  CLM4041 Download
File Size   32.39 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Micropower Bandgap Shunt Reference

CLM4041 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4041 Datasheet PDF - Calogic, LLC

Part # CLM4041
Download  CLM4041 Click to download

File Size   32.39 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Micropower Bandgap Shunt Reference

CLM4041 Datasheet (HTML) - Calogic, LLC


CLM4041 Product details

DESCRIPTION
The CLM4041 is a two terminal precision voltage reference with thermal stability guaranteed over temperature, a typical dynamic impedance of 0.25Ω and very sharp turn-on characteristics. The device has a fixed output of 1.225V for input currents between 60µA to 20mA and is an excellent choice for battery operated applications. Available in three tolerances, 0.5%, 1.0% and 2.0% and in three package outlines, SOT-23, SO-8 and TO-92.

FEATURES
• Low Voltage Operation . . . . . . . . . . . . . . . . . . . . . 1.225V
• Trimmed Bandgap Design . . . . . . . . . . . . . . . . . . . . 0.1%
• Wide Operating Current Range . . . . . . . . 60µA to 20mA
• Low Dynamic Impedance . . . . . . . . . . . . . . . . . . . . 0.25Ω
• Available in SOT-23, TO-92 and SO-8

APLICATIONS
• Cellular Phunes
• Portable Computers
• Instrumentation
• Automotive




Similar Part No. - CLM4041

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CN CALOGIC-CLM4040CN Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CS CALOGIC-CLM4040CS Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CY CALOGIC-CLM4040CY Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040DN CALOGIC-CLM4040DN Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
More results


Similar Description - CLM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com