Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4122 Datasheet (PDF) - Calogic, LLC

CLM4122 Datasheet PDF - Calogic, LLC
Part # CLM4122
Download  CLM4122 Download
File Size   50.6 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 4mW, 180MHz, 2000V/Us High Speed Buffer

CLM4122 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4122 Datasheet PDF - Calogic, LLC

Part # CLM4122
Download  CLM4122 Click to download

File Size   50.6 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 4mW, 180MHz, 2000V/Us High Speed Buffer

CLM4122 Datasheet (HTML) - Calogic, LLC


CLM4122 Product details

GENERAL DESCRIPTION
The CLM4122 family are low power, high speed unity gain buffers that slew at 2000V/µs, having a small signal bandwidth of 180MHz, delivers 60mA, yet draws only 800µA supply current.

FEATURES
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 2000V/µs
• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 180MHz
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . 800µA
• No Oscillations with Capacitive Loads
• Fully Specified to Drive 50Ω Lines

APPLICATIONS
• Coaxial Cable Driver
• Flash A/D Converter Driver
• Video DAC Buffer
• Video Amplifier
• Wide Bandwidth Signal Conditioning




Similar Part No. - CLM4122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLM4120A ETC-CLM4120A Datasheet
67Kb / 2P
PHOTOMODS NEON MODULES
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM4121M CALOGIC-CLM4121M Datasheet
58Kb / 6P
High Speed Buffer
CLM4121N CALOGIC-CLM4121N Datasheet
58Kb / 6P
High Speed Buffer
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
350MHz High Speed Buffer
More results


Similar Description - CLM4122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
logo
Intersil Corporation
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
logo
Cypress Semiconductor
Z9951 CYPRESS-Z9951 Datasheet
57Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Z9953 CYPRESS-Z9953 Datasheet
51Kb / 6P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
Texas Instruments
THS4062 TI1-THS4062 Datasheet
986Kb / 31P
180MHZ HIFH SPEED AMPLIFIERS
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com