Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVA1405T Datasheet (PDF) - Calogic, LLC

CVA1405T Datasheet PDF - Calogic, LLC
Part # CVA1405T
Download  CVA1405T Download
File Size   66.63 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Triple CRT Driver

CVA1405T Datasheet (PDF)

Go To PDF Page Download Datasheet
CVA1405T Datasheet PDF - Calogic, LLC

Part # CVA1405T
Download  CVA1405T Click to download

File Size   66.63 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Triple CRT Driver

CVA1405T Datasheet (HTML) - Calogic, LLC


CVA1405T Product details

DESCRIPTION
The CVA1405T contains three wideband amplifiers, designed specifically to drive a CRT. The device can drive monitors with resolutions up to 1024 x 768 (non-interlaced).

FEATURES
• Rise/Fall Time (at the Cathode) . . . . . . . . . . . . . . . . 9.0ns
• Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65VP-P
• Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V
• Pin to Pin Compatible to CVA2404T

APPLICATIONS
• CRT driver for up to 64kHz monitors with resolution up to 1024 x 768




Similar Part No. - CVA1405T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
Triple CRT Driver
CVA1406T CALOGIC-CVA1406T Datasheet
49Kb / 3P
High Voltage Triple CRT Driver
More results


Similar Description - CVA1405T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
Triple CRT Driver
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
Low Cost Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
Triple CRT Driver
CVA2419TX CALOGIC-CVA2419TX Datasheet
65Kb / 4P
Triple 85MHz CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
Low Cost Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
Triple 140MHz CRT Driver
CVA6629S CALOGIC-CVA6629S Datasheet
72Kb / 9P
Triple 180MHz CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
Triple CRT Driver
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com