Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6121N Datasheet (PDF) - Calogic, LLC

CLM6121N Datasheet PDF - Calogic, LLC
Part # CLM6121N
Download  CLM6121N Download
File Size   62.83 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High Speed Buffer

CLM6121N Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM6121N Datasheet PDF - Calogic, LLC

Part # CLM6121N
Download  CLM6121N Click to download

File Size   62.83 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High Speed Buffer

CLM6121N Datasheet (HTML) - Calogic, LLC


CLM6121N Product details

GENERAL DESCRIPTION

The CLM6121 family are high speed unity gain buffers that slew at 1200V/µs, having a small signal bandwidth of 100MHz, and capable of providing a continuous output current of ±200mA. They are monolithic ICs which are pin to pin compatible with the LH0002H/CH with the additional feature of current limiting.



FEATURES

• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V/µs

• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 100MHz

• Output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230mA

• High Input Impedance. . . . . . . . . . . . . . . . . . . . . . . . 2MΩ

• No Oscillations with Capacitive Loads

• 5V to ±15V Operation Guaranteed

• Current and Thermal Limiting

• Fully Specified to Drive 50Ω Lines



APPLICATIONS

• Line Driving

• Radar

• Sonar



 




Similar Part No. - CLM6121N

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
More results


Similar Description - CLM6121N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
350MHz High Speed Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com