Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVA2400 Datasheet (PDF) - Calogic, LLC

CVA2400 Datasheet PDF - Calogic, LLC
Part # CVA2400
Download  CVA2400 Download
File Size   67.6 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Cost Triple CRT Driver

CVA2400 Datasheet (PDF)

Go To PDF Page Download Datasheet
CVA2400 Datasheet PDF - Calogic, LLC

Part # CVA2400
Download  CVA2400 Click to download

File Size   67.6 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Cost Triple CRT Driver

CVA2400 Datasheet (HTML) - Calogic, LLC


CVA2400 Product details

DESCRIPTION
The CVA2400A contains three wide band triple amplifiers, specifically designed to drive a CRT. It features no crossover distortion for excellent gray scale linearity, external emitter peaking to maximize the high frequency gain at the cross hatch pattern and an adjustable gain for ease of use. This device can drive monitors with resolutions of 1280 X 1024 (interlaced) with pixel frequencies of 176MHz.

FEATURES
• Rise/Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0ns
• Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65VP-P
• Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V

APPLICATIONS
• CRT driver for up to 76kHz Monitors
• Excellent Gray Scale Linearity
• Emitter Peaking Option
• Adjustable Gain




Similar Part No. - CVA2400

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2400 CALOGIC-CVA2400 Datasheet
39Kb / 4P
Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
22Kb / 1P
CRT Driver Amplifiers
More results


Similar Description - CVA2400

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
Low Cost Triple CRT Driver
CVA2403T CALOGIC-CVA2403T Datasheet
50Kb / 5P
Low Cost Triple CRT Driver
CVA2405T CALOGIC-CVA2405T Datasheet
53Kb / 4P
Low Cost Triple CRT Driver
CVA2412AX CALOGIC-CVA2412AX Datasheet
50Kb / 4P
Low Cost 100MHz Triple CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
Low Cost Triple CRT Driver
CVA3404T CALOGIC-CVA3404T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
CVA3405T CALOGIC-CVA3405T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
CVA3407T CALOGIC-CVA3407T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
CVA2415 CALOGIC-CVA2415 Datasheet
61Kb / 4P
Low Cost Triple 65MHz CRT Driver
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com