Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB308 Datasheet (PDF) - Calogic, LLC

CWB308 Datasheet PDF - Calogic, LLC
Part # CWB308
Download  CWB308 Download
File Size   85.06 Kbytes
Page   7 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches

CWB308 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWB308 Datasheet PDF - Calogic, LLC

Part # CWB308
Download  CWB308 Click to download

File Size   85.06 Kbytes
Page   7 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches

CWB308 Datasheet (HTML) - Calogic, LLC


CWB308 Product details

DESCRIPTION
The Calogic CWB308 and CWB309 feature fast switching (<140ns) and low ON resistance (<40Ω) for excellent performance in applications in communications, computer peripherals and instrument controls. This series combines low power CMOS input logic and level translation circuitry with high speed, low capacitance DMOS switches in a monolithic structure. The CWB308 and CWB309 have CMOS compatible inputs and also have a standard pin configuration for second sourcing.
   
FEATURES
• Low Insertion Loss . . . . . . . . . . . . . 0.9 x DC @ 100MHz
• Low Channel-to-Channel Crosstalk. . . . . . . . . . . . -80dB
• High OFF Isolation . . . . . . . . . . . . . . . . . 68dB @ 10MHz
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . <140ns
• Low ON Resistance. . . . . . . . . . . . . . . . . . . . . . 40Ω (typ)
   
APPLICATIONS
• High Speed Multiplexing
• RF & Video Switches
• Sample and Hold Switches
• Track and Hold Switches
• Computer Peripherals
   




Similar Part No. - CWB308

ManufacturerPart #DatasheetDescription
logo
Clarke International
CWB300 CLARKE-CWB300 Datasheet
2Mb / 8P
WORKBENCH
GC0416
CWB300LS CLARKE-CWB300LS Datasheet
2Mb / 8P
WORKBENCH WITH SHELF
GC0416
More results


Similar Description - CWB308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com