Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3856WM Datasheet (PDF) - International Rectifier

IR3856WM Datasheet PDF - International Rectifier
Part # IR3856WM
Download  IR3856WM Download
File Size   1022.35 Kbytes
Page   34 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR

IR3856WM Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3856WM Datasheet PDF - International Rectifier

Part # IR3856WM
Download  IR3856WM Click to download

File Size   1022.35 Kbytes
Page   34 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR

IR3856WM Datasheet (HTML) - International Rectifier




Similar Part No. - IR3856WM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3856WM IRF-IR3856WM Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Similar Description - IR3856WM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3856M IRF-IR3856M_15 Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com