Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M116 Datasheet (PDF) - Calogic, LLC

M116 Datasheet PDF - Calogic, LLC
Part # M116
Download  M116 Download
File Size   19.61 Kbytes
Page   1 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier

M116 Datasheet (PDF)

Go To PDF Page Download Datasheet
M116 Datasheet PDF - Calogic, LLC

Part # M116
Download  M116 Click to download

File Size   19.61 Kbytes
Page   1 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier

M116 Datasheet (HTML) - Calogic, LLC


M116 Product details

FEATURES
• Low IGSS
• Integrated Zener Clamp for Gate Protection

Drain to Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Gate to Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Gate Zener Current . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.1mA
Storage Temperature Range . . . . . . . . . . . . . -65oC to +200℃
Operating Temperature Range . . . . . . . . . . . -55oC to +125℃
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225mW
Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . 2.2mW/℃




Similar Part No. - M116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
M116 INTERSIL-M116 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Vishay Siliconix
M116 VISHAY-M116 Datasheet
69Kb / 1P
enhancement-type n-channel MOSFET
1977
logo
MOSDESIGN SEMICONDUCTOR...
M1160 MOSDESIGN-M1160 Datasheet
24Kb / 1P
WITH 4 PATTERN DISPLAY 16 LED FLASH
2005-06-27
M1160P MOSDESIGN-M1160P Datasheet
24Kb / 1P
WITH 4 PATTERN DISPLAY 16 LED FLASH
2005-06-27
M1163 MOSDESIGN-M1163 Datasheet
68Kb / 2P
4 PATTERN DISPLAY 8 LED FLASH
2005-07-15
More results


Similar Description - M116

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3018S3 CYSTEKEC-2SK3018S3 Datasheet
324Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
2SK3541Y3 CYSTEKEC-2SK3541Y3 Datasheet
351Kb / 8P
ESD protected N-Channel Enhancement Mode MOSFET
logo
Calogic, LLC
3N161 CALOGIC-3N161_15 Datasheet
29Kb / 1P
Diode Protected P-Channel Enhancement Mode MOSFET
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com