Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-R Datasheet (PDF) - STMicroelectronics

M95160-R Datasheet PDF - STMicroelectronics
Part # M95160-R
Download  M95160-R Download
File Size   739.81 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-Kbit serial SPI bus EEPROM with high-speed clock

M95160-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M95160-R Datasheet PDF - STMicroelectronics

Part # M95160-R
Download  M95160-R Click to download

File Size   739.81 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-Kbit serial SPI bus EEPROM with high-speed clock

M95160-R Datasheet (HTML) - STMicroelectronics


M95160-R Product details

Description
The M95160 devices are Electrically Erasable PROgrammable Memories (EEPROMs) organized as 2048 x 8 bits, accessed through the SPI bus.
The M95160-W can operate with a supply voltage from 2.5 V to 5.5 V, the M95160-R can operate with a supply voltage from 1.8 V to 5.5 V, and the M95160-DF can operate with a supply voltage from 1.7 V to 5.5 V, over an ambient temperature range of -40 °C / +85 °C.
The M95160-D offers an additional page, named the Identification Page (32 bytes). The Identification Page can be used to store sensitive application parameters which can be (later) permanently locked in Read-only mode.

Features
• Compatible with the Serial Peripheral Interface (SPI) bus
• Memory array
   – 16 Kb (2 Kbytes) of EEPROM
   – Page size: 32 bytes
• Write
   – Byte Write within 5 ms
   – Page Write within 5 ms
• Write Protect: quarter, half or whole memory array
• High-speed clock: 20 MHz
• Single supply voltage:
   – 2.5 V to 5.5 V for M95160-W
   – 1.8 V to 5.5 V for M95160-R
   – 1.7 V to 5.5 V for M95160-DF
• Operating temperature range: from -40°C up to +85°C
• Enhanced ESD protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages
   – RoHS compliant and halogen-free (ECOPACK®)




Similar Part No. - M95160-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160-R STMICROELECTRONICS-M95160-R Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95160-R STMICROELECTRONICS-M95160-R Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160-R STMICROELECTRONICS-M95160-R Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95160-R STMICROELECTRONICS-M95160-R Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95160-RBN1T STMICROELECTRONICS-M95160-RBN1T Datasheet
164Kb / 19P
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
More results


Similar Description - M95160-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95160 STMICROELECTRONICS-M95160_12 Datasheet
381Kb / 45P
16-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95160 STMICROELECTRONICS-M95160_13 Datasheet
633Kb / 46P
16-Kbit serial SPI bus EEPROM with high-speed clock
08-Jan-2013
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com