Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIMMK75T160UX Datasheet (PDF) - Micross Components

MIMMK75T160UX Datasheet PDF - Micross Components
Part # MIMMK75T160UX
Download  MIMMK75T160UX Download
File Size   1958.32 Kbytes
Page   4 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description 1600V 75A thyristor Module RoHS Compliant

MIMMK75T160UX Datasheet (PDF)

Go To PDF Page Download Datasheet
MIMMK75T160UX Datasheet PDF - Micross Components

Part # MIMMK75T160UX
Download  MIMMK75T160UX Click to download

File Size   1958.32 Kbytes
Page   4 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description 1600V 75A thyristor Module RoHS Compliant

MIMMK75T160UX Datasheet (HTML) - Micross Components




Similar Part No. - MIMMK75T160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK75U160UX MICROSS-MIMMK75U160UX Datasheet
2Mb / 4P
1600V 75A thyristor Module RoHS Compliant
More results


Similar Description - MIMMK75T160UX

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
THYRISTOR MODULE 75A / 1600V
logo
Micross Components
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
1600V 160A thyristor Module RoHS Compliant
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
1600V 150A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
1600V 110A thyristor Module RoHS Compliant
MIMMK110A160UA MICROSS-MIMMK110A160UA Datasheet
2Mb / 5P
1600V 110A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
1600V 110A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
1600V 100A thyristor Module RoHS Compliant
MIMMK75U160UX MICROSS-MIMMK75U160UX Datasheet
2Mb / 4P
1600V 75A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
1600V 40A thyristor Module RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com