Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1631 Datasheet (PDF) - C&D Technologies

1631 Datasheet PDF - C&D Technologies
Part # 1631
Download  1631 Download
File Size   248.55 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Dual and Quad Data-bus Isolators

1631 Datasheet (PDF)

Go To PDF Page Download Datasheet
1631 Datasheet PDF - C&D Technologies

Part # 1631
Download  1631 Click to download

File Size   248.55 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Dual and Quad Data-bus Isolators

1631 Datasheet (HTML) - C&D Technologies


1631 Product details

DESCRIPTION
TThe 1600 series are dual or quad isolation transformer packs for use in digital circuits. They are particularly suited to isolating microprocessor bus connections and performing logic level translation. Being completely passive, power savings are offered over opto-coupled or emitter follower solutions.

FEATURES
■ Logic Translation
■ Bi-Directional
■ Invert / Non-Invert
■ TTL-CMOS Convert
■ 3V-5V convert
■ Toroidal construction
■ Low Profile
■ Dual or Quad packs
■ 700VDC Isolation




Similar Part No. - 1631

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
1631-440-SS RAF-1631-440-SS Datasheet
67Kb / 1P
3/16 ROUND FEMALE STANDOFFS
logo
DESCO INDUSTRIES INC
16310 DESCO-16310 Datasheet
167Kb / 1P
Trustat B80 Vinyl Mat, Blue, 0.080" x 24" x 36"
logo
MEC Marcom Electronic C...
16310-16315 MEC-16310-16315 Datasheet
2Mb / 8P
Different caps for unimec™ switches
1631003 MEC-1631003 Datasheet
357Kb / 8P
basic switch modules
041213
1631006 MEC-1631006 Datasheet
357Kb / 8P
basic switch modules
041213
More results


Similar Description - 1631

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
QUAD DIGITAL ISOLATORS
logo
Murata Power Solutions ...
1600C MURATA-PS-1600C Datasheet
106Kb / 2P
Quad Data-bus Isolators
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev 16
logo
Murata Power Solutions ...
KMP-1600 MURATA-PS-KMP-1600 Datasheet
393Kb / 2P
Quad Data-bus Isolators
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
Quad Data-bus Isolators
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com