Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4900 Datasheet (PDF) - C&D Technologies

4900 Datasheet PDF - C&D Technologies
Part # 4900
Download  4900 Download
File Size   214.75 Kbytes
Page   1 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Dual Winding Surface Mount Inductors

4900 Datasheet (PDF)

Go To PDF Page Download Datasheet
4900 Datasheet PDF - C&D Technologies

Part # 4900
Download  4900 Click to download

File Size   214.75 Kbytes
Page   1 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Dual Winding Surface Mount Inductors

4900 Datasheet (HTML) - C&D Technologies


4900 Product details

DESCRIPTION
The 4900 series is a range of dual wind inductors offering flexible options. Windings have a 1:1 ratio and can be connected in series or parallel to create a wide range of inductance combinations. The secondary winding could be used as a feedback winding in switched mode power supplies.

FEATURES
■ 2.2µH to 880µH1
■ Up to 9.5A IDC
■ Bobbin Format
■ Dual Winding
■ Surface Mounting
■ Integral EMI Shield
■ Compact Size
■ Tape and Reel Packaging
■ No Voltage Breakdown at 500VDC




Similar Part No. - 4900

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4900 POMONA-4900 Datasheet
26Kb / 1P
Panel Mount Banana Jack
4900 POMONA-4900 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
logo
Adafruit Industries
4900 ADAFRUIT-4900 Datasheet
127Kb / 4P
Adafruit QT Py RP2040
logo
Keystone Electronics Co...
4900 KEYSTONE-4900 Datasheet
508Kb / 1P
PC QUICK-FIT MALE TERMINALS
31-07 20th
logo
Pomona Electronics
4900-0 POMONA-4900-0 Datasheet
26Kb / 1P
Panel Mount Banana Jack
More results


Similar Description - 4900

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
Dual Winding Toroidal Surface Mount Inductors
KMP_4700 MURATA-KMP_4700 Datasheet
128Kb / 2P
Shielded Dual Winding Surface Mount Inductors
KMP_4800 MURATA-KMP_4800 Datasheet
129Kb / 2P
Shielded Dual Winding Surface Mount Inductors
KMP_4900 MURATA-KMP_4900 Datasheet
128Kb / 2P
Shielded Dual Winding Surface Mount Inductors
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com