Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17156 Datasheet (PDF) - C&D Technologies

17156 Datasheet PDF - C&D Technologies
Part # 17156
Download  17156 Download
File Size   83.87 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Radial Lead Inductors

17156 Datasheet (PDF)

Go To PDF Page Download Datasheet
17156 Datasheet PDF - C&D Technologies

Part # 17156
Download  17156 Click to download

File Size   83.87 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Radial Lead Inductors

17156 Datasheet (HTML) - C&D Technologies


17156 Product details

DESCRIPTION

The 1700 Series is a general-purpose range of inductors suitable for low to medium current applications. Their small footprint makes them ideal for high-density applications where a chip inductor will not cope with the power requirement.



FEATURES

■ Radial Format

■ Up to 1.8A IDC

■ 10µH to 68mH

■ Low DC Resistance

■ Miniature Size

■ PCB Mounting

■ MIL-I-23053/5 Class III Sleeving

■ Fully Tinned Leads

■ Supplied in Packs of 20

■ Custom Parts Available



 




Similar Part No. - 17156

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
171565 MOLEX-171565 Datasheet
42Kb / 2P
zQSFP® Interconnect System
07/19/2019
171565-1002 MOLEX-171565-1002 Datasheet
42Kb / 2P
zQSFP® Interconnect System
07/19/2019
1715650001 MOLEX1-1715650001 Datasheet
44Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-2
1715650002 MOLEX1-1715650002 Datasheet
44Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-2
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
More results


Similar Description - 17156

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com