Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFH8303PBF Datasheet (PDF) - International Rectifier

IRFH8303PBF Datasheet PDF - International Rectifier
Part # IRFH8303PBF
Download  IRFH8303PBF Download
File Size   513.94 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Control MOSFET for synchronous buck converter

IRFH8303PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFH8303PBF Datasheet PDF - International Rectifier

Part # IRFH8303PBF
Download  IRFH8303PBF Click to download

File Size   513.94 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Control MOSFET for synchronous buck converter

IRFH8303PBF Datasheet (HTML) - International Rectifier


IRFH8303PBF Product details

Features
    Low RDS(ON) (≤ 1.10 mΩ)
    Low Thermal Resistance to PCB (<0.8°C/W)
    100% Rg Tested
    Low Profile (≤ 0.9 mm)
    Industry-Standard Pinout
    Compatible with Existing Surface Mount Techniques
    RoHS Compliant, Halogen-Free
    MSL1, Industrial Qualification

Benefits
    Lower Conduction Losses
    Enable better Thermal Dissipation
    Increased Reliability
    Increased Power Density
    Multi-Vendor Compatibility
    Easier Manufacturing
    Environmentally Friendlier
    Increased Reliability

Applications
● Control MOSFET for synchronous buck converter




Similar Part No. - IRFH8303PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8303PBF IRF-IRFH8303PBF Datasheet
536Kb / 9P
Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFH8303PBF INFINEON-IRFH8303PBF Datasheet
582Kb / 10P
Control MOSFET for synchronous buck converter
2017-01-24
logo
International Rectifier
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
Compatible with Existing Surface Mount Techniques
More results


Similar Description - IRFH8303PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM4234TRPBF IRF-IRFHM4234TRPBF Datasheet
288Kb / 9P
Control MOSFET for synchronous buck converter
IRFHM4234PBF IRF-IRFHM4234PBF Datasheet
288Kb / 9P
Control MOSFET for synchronous buck converter
IRFHM8228PBF IRF-IRFHM8228PBF Datasheet
368Kb / 9P
Control or synchronous MOSFET for synchronous buck converter
IRFHM8235PBF IRF-IRFHM8235PBF Datasheet
649Kb / 9P
Control MOSFET for synchronous buck converter
IRFHM8342PBF IRF-IRFHM8342PBF Datasheet
364Kb / 9P
Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFH8303PBF INFINEON-IRFH8303PBF Datasheet
582Kb / 10P
Control MOSFET for synchronous buck converter
2017-01-24
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
Control MOSFET for synchronous buck converter
2016-2-23
IRFHM8342TRPBF INFINEON-IRFHM8342TRPBF Datasheet
586Kb / 11P
Control MOSFET for synchronous buck converter
2016-2-23
IRFHM4231PBF INFINEON-IRFHM4231PBF Datasheet
522Kb / 10P
Control MOSFET for synchronous buck converter
2016-2-26
IRFHM4234TRPBF INFINEON-IRFHM4234TRPBF Datasheet
515Kb / 10P
Control MOSFET for synchronous buck converter
2016-2-26
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com