Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDT Datasheet (PDF) - C&D Technologies

NDT Datasheet PDF - C&D Technologies
Part # NDT
Download  NDT Download
File Size   157.98 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 3W Wide Input Dual Output DC-DC Converters

NDT Datasheet (PDF)

Go To PDF Page Download Datasheet
NDT Datasheet PDF - C&D Technologies

Part # NDT
Download  NDT Click to download

File Size   157.98 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 3W Wide Input Dual Output DC-DC Converters

NDT Datasheet (HTML) - C&D Technologies


NDT Product details

DESCRIPTION
The NDT series is a range of low profile DCDC converters offering dual outputs over a 2:1 input voltage range. All parts deliver 3W output power up to 85°C without heatsinking. A flyback oscillator design with isolated feedback is used to give regulation over the full operating range of 25% to 100% of full load. It is strongly recommended that external capacitors be used on input and output to guarantee performance over full load and input voltage range (see application notes for guidance). The plastic case is rated to UL 94V-0 and encapsulant to UL 94V-1and the connection pins are formed from a tin plated alloy 42 leadframe.

FEATURES
■ Industry Standard Footprint
■ 1kVDC Isolation
■ Dual Isolated Output
■ Short Circuit Protection
■ Low Profile 24 Pin Case
■ Efficiency to 81%
■ Power Density 0.90W/cm3
■ 2:1 Wide Input Range
■ 24V & 48V Input
■ 12V & 15V Output
■ Footprint 4.73cm2
■ UL 94V-0 Package Materials
■ Operating Temperature Range –40°C to 85°C
■ Load and Line Regulation <1% on Both Outputs
■ No Heatsink Required
■ Internal SMD Construction
■ Fully Encapsulated
■ Custom Solutions Available




Similar Part No. - NDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDT-03C ETC2-NDT-03C Datasheet
241Kb / 2P
Specifications
logo
Texas Instruments
NDT0003A TI-NDT0003A Datasheet
1Mb / 22P
LM120/LM320-N Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
NDT014 FAIRCHILD-NDT014 Datasheet
225Kb / 10P
N-Channel Enhancement Mode Field Effect Transistor
NDT014L FAIRCHILD-NDT014L Datasheet
229Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDT014L ONSEMI-NDT014L Datasheet
411Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev. 4
More results


Similar Description - NDT

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
Isolated 3W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com