Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NME Datasheet (PDF) - C&D Technologies

NME Datasheet PDF - C&D Technologies
Part # NME
Download  NME Download
File Size   120.26 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 1W Single Output DC-DC Converters

NME Datasheet (PDF)

Go To PDF Page Download Datasheet
NME Datasheet PDF - C&D Technologies

Part # NME
Download  NME Click to download

File Size   120.26 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 1W Single Output DC-DC Converters

NME Datasheet (HTML) - C&D Technologies


NME Product details

DESCRIPTION
The NME Series of DC-DC Converters is particularly suited to isolating and/or converting DC power rails. The galvanic isolation allows the device to be configured to provide an isolated negative rail in systems where only positive rails exist.

FEATURES
■ Single Isolated Output
■ Industry Standard Pinout
■ 1kVDC Isolation
■ Efficiency to 80%
■ Power Density 1.45W/cm3
■ 24V & 48V Input
■ 5V, 9V, 12V and 15V Output
■ Footprint from 0.69cm2
■ UL 94V-0 Package Material
■ No Heatsink Required
■ Internal SMD Construction
■ Toroidal Magnetics
■ Fully Encapsulated
■ No External Components Required
■ Custom Solutions Available
■ Pin Compatible with LME
■ SIP & DIP Package Styles




Similar Part No. - NME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NME MURATA-PS-NME Datasheet
207Kb / 11P
Isolated 1W Single Output DC-DC Converters
NME MURATA-PS-NME Datasheet
1Mb / 13P
Isolated 1W Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
NME MURATA-NME Datasheet
232Kb / 11P
Isolated 1W Single Output DC-DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
List of Unclassifed Man...
NME03 ETC2-NME03 Datasheet
335Kb / 12P
Isolated 1WSingle Output
More results


Similar Description - NME

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME2405SC MURATA-NME2405SC Datasheet
118Kb / 4P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com