Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI500-4D Datasheet (PDF) - C&D Technologies

PCI500-4D Datasheet PDF - C&D Technologies
Part # PCI500-4D
Download  PCI500-4D Download
File Size   105.31 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description DC/DC Compact PCI Power Supply

PCI500-4D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCI500-4D Datasheet PDF - C&D Technologies

Part # PCI500-4D
Download  PCI500-4D Click to download

File Size   105.31 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description DC/DC Compact PCI Power Supply

PCI500-4D Datasheet (HTML) - C&D Technologies


PCI500-4D Product details

DESCRIPTION
The PCI500-4D is a modular, hot-swap, 500W, quad output power supply with wide range 48Vdc input. This unit was designed specifically for redundant applications with active current sharing, synchronous starting, and output isolation diodes.

FEATURES
■ 500W power
■ Widerange 36-72Vdc input range
■ Hot-swap capable
■ N+n redundant configurable
■ No minimum load
■ Active current sharing
■ Status indicator LEDs
■ Synchronous startup control
■ DC OK & Fan Alarm signals
■ PCI output voltage(+5/+3.3/+12/-12)
■ UL, cUL, VDE, CE marked




Similar Part No. - PCI500-4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4D CANDD-PCI500-4D Datasheet
491Kb / 4P
500W Quad Output Power Supply
More results


Similar Description - PCI500-4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
AC/DC Compact PCI Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
Very Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
Compact 40W AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
Very Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
Compact AC-DC Power Supply
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com