Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4850 Datasheet (PDF) - C&D Technologies

RM4850 Datasheet PDF - C&D Technologies
Part # RM4850
Download  RM4850 Download
File Size   250.29 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 AMP MODULAR SWITCHED MODE RECTIFIER

RM4850 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM4850 Datasheet PDF - C&D Technologies

Part # RM4850
Download  RM4850 Click to download

File Size   250.29 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 AMP MODULAR SWITCHED MODE RECTIFIER

RM4850 Datasheet (HTML) - C&D Technologies


RM4850 Product details

DESCRIPTION
The RM4850 Modular Switch-Mode Rectifier is one of C&D Technologies’ family of rectifiers that may be used in modular power plants. This high power unit will function in parallel with any rectifier with similar current sharing capacities. This versatile and efficient rectifier is ideal for use in advanced telecommunications applications. Its small size allows the user to plan economically for system expansion at minimum cost and makes it ideal for use in fiber optic, microwave and other applications where space is at a premium.

FEATURES
• SWITCHED MODE
• >.99 PFC
• >90% EFFICIENCY
• AUTOMATIC LOAD SHARING
• HOT-SWAP CAPABLE
• COMPACT SIZE
• SHELF MOUNTED
• SOFT START TURN-ON
• ESD TO 20,000 VOLTS
• -40°C TO 65°C FULL OPERATION WITHOUT DERATING
• REMOTE EMERGENCY POWER DISCONNECT !
• TELECOM BULK POWER RATED!
• BELLCORE COMPLIANT
• INFINITE, FULL CURRENT SHORT CIRCUIT CAPABLE!
• BUILT-IN AC & DC DISCONNECTS
• FRONT PANEL METER
• BATTERY OR BATTERYLESS OPERATION
• INTELLIGENT HIGH VOLTAGE SHUTDOWN
• GUARANTEED NO SINGLE COMPONENT FAILURE CAN LEAD TO OUTPUT HIGH VOLTAGE!
• GUARANTEED SAFE OPERATION TO 300 VAC
• ENVIRONMENTALLY HARDENED!
• THD <5%




Similar Part No. - RM4850

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
RM4875 CANDD-RM4875 Datasheet
167Kb / 4P
7.5 AMP Modular Switch Mode Rectifier
RM4875 CANDD-RM4875 Datasheet
118Kb / 4P
MODULAR SWITCH MODE RECTIFIER
logo
Texas Instruments
RM48L530 TI1-RM48L530 Datasheet
2Mb / 147P
RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results


Similar Description - RM4850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
C&D Technologies
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
7.5 AMP Modular Switch Mode Rectifier
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
150 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
30 AMP MODULAR SWITCHED MODE RECTIFIER
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097 Datasheet
120Kb / 2P
50 Amp Schottky Rectifier
SBR5090PF MICROSEMI-SBR5090PF Datasheet
111Kb / 2P
50 Amp Schottky Rectifier
logo
C&D Technologies
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
TPS_RM4875 CANDD-TPS_RM4875 Datasheet
118Kb / 4P
MODULAR SWITCH MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
MODULAR SWITCHED MODE RECTIFIER
logo
Digitron Semiconductors
1N6097 DIGITRON-1N6097 Datasheet
135Kb / 2P
50 AMP SCHOTTKY RECTIFIER
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com