Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS25411S Datasheet (PDF) - International Rectifier

IRS25411S Datasheet PDF - International Rectifier
Part # IRS25411S
Download  IRS25411S Download
File Size   501.85 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High-Voltage Buck Control ICs for Constant LED Current Regulation

IRS25411S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS25411S Datasheet PDF - International Rectifier

Part # IRS25411S
Download  IRS25411S Click to download

File Size   501.85 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High-Voltage Buck Control ICs for Constant LED Current Regulation

IRS25411S Datasheet (HTML) - International Rectifier


IRS25411S Product details

Description
The IRS254(01,11) are high voltage, high frequency buck control ICs for constant LED current regulation. They incorporate a continuous mode time-delayed hysteretic buck regulator to directly control the average load current, using an accurate on-chip bandgap voltage reference. These parts directly replace the IRS2540 and IRS2541 with improved latch up immunity.

Features
• 200 V (IRS25401) and 600 V (IRS25411) half bridge driver
• Micropower startup (<500 μA)
• ±2% voltage reference
• 140 ns deadtime
• 15.6 V zener clamp on VCC
• Frequency up to 500 kHz
• Auto restart, non-latched shutdown
• PWM dimmable
• Small 8-Lead DIP/8-Lead SOIC packages

Typical Applications
    LED drivers for lamp replacement
    LED driver back end current regulator




Similar Part No. - IRS25411S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
International Rectifier
IRS25411SPBF IRF-IRS25411SPBF Datasheet
519Kb / 20P
LED BUCK REGULATOR CONTROL IC
IRS25411STRPBF IRF-IRS25411STRPBF Datasheet
519Kb / 20P
LED BUCK REGULATOR CONTROL IC
More results


Similar Description - IRS25411S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62238FP RENESAS-M62238FP_1 Datasheet
2Mb / 6P
CONSTANT VOLTAGE CONSTANT CURRENT CONTROL2 SYSTEM LED CONTROL IC
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
Constant Current Buck LED Driver
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com