Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPN20R Datasheet (PDF) - C&D Technologies

WPN20R Datasheet PDF - C&D Technologies
Part # WPN20R
Download  WPN20R Download
File Size   849.85 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 20 WATT REGULATED DC/DC CONVERTER

WPN20R Datasheet (PDF)

Go To PDF Page Download Datasheet
WPN20R Datasheet PDF - C&D Technologies

Part # WPN20R
Download  WPN20R Click to download

File Size   849.85 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 20 WATT REGULATED DC/DC CONVERTER

WPN20R Datasheet (HTML) - C&D Technologies


WPN20R Product details

The WPN20R series is a family of high performance DC/DC converters available in three input voltage ranges of 9-18V, 18-36V and 33-75V. The unit is housed in a space saving aluminum shell and combines low cost with high performance across all line and load conditions. The 300KHz switching frequency and forward converter topology provide excellent performance across all line and load conditions in a space saving package. Other features include: full regulation down to zero load, under voltage lock-out, internal temperature shutdown, soft start, remote on/off and over current protection.



• Operating Temperature Range: -40°C to +100°C

• Industry Standard Pinout

• Input and Output Filtering

• Low Profile Shell

• Single and Dual Outputs

• High Efficiency

• Remote On/Off Function

• Output Trim Function

• Zero Load Operation

• EN 60950, UL1950, C-UL, VDE Agency Approvals



 




Similar Part No. - WPN20R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
WPN20R12D05 MURATA-PS-WPN20R12D05 Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
WPN20R12D12 MURATA-PS-WPN20R12D12 Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
logo
Murata Manufacturing Co...
WPN20R12D12C MURATA-WPN20R12D12C Datasheet
221Kb / 4P
20W Regulated DC/DC Converter
logo
Murata Power Solutions ...
WPN20R12D15 MURATA-PS-WPN20R12D15 Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
More results


Similar Description - WPN20R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01R CANDD-HL01R Datasheet
49Kb / 4P
1 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
9 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
1 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
1 WATT REGULATED DC/DC CONVERTER
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
1.8 WATT REGULATED DC/DC CONVERTER
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
logo
AIMTEC
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
20 Watt | DC-DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com