Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04 Datasheet (PDF) - Analog Devices

TMP04 Datasheet PDF - Analog Devices
Part # TMP04
Download  TMP04 Download
File Size   220.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Digital Output Thermometers

TMP04 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP04 Datasheet PDF - Analog Devices

Part # TMP04
Download  TMP04 Click to download

File Size   220.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Digital Output Thermometers

TMP04 Datasheet (HTML) - Analog Devices


TMP04 Product details

GENERAL DESCRIPTION
The TMP03/TMP04 is a monolithic temperature detector that generates a modulated serial digital output that varies in direct proportion to the temperature of the device. An onboard sensor generates a voltage precisely proportional to absolute temperature which is compared to an internal voltage reference and input to a precision digital modulator.
   
FEATURES
    Low Cost 3-Pin Package
    Modulated Serial Digital Output
        Proportional to Temperature
    ±1.5°C Accuracy (typ) from –25°C to +100°C
    Specified –40°C to +100°C, Operation to 150°C
    Power Consumption 6.5 mW Max at 5 V
    Flexible Open-Collector Output on TMP03
    CMOS/TTL Compatible Output on TMP04
    Low Voltage Operation (4.5 V to 7 V)
   
APPLICATIONS
    Isolated Sensors
    Environmental Control Systems
    Computer Thermal Monitoring
    Thermal Protection
    Industrial Process Control
    Power System Monitors
   




Similar Part No. - TMP04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP04 AD-TMP04 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
TMP04 AD-TMP04 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
Transcom, Inc.
TMP049-051-08-40 TRANSCOM-TMP049-051-08-40 Datasheet
18Kb / 1P
10 W GaAs PA PCB Module for 5 GHz Application
TMP049-051-16-40 TRANSCOM-TMP049-051-16-40 Datasheet
18Kb / 1P
10 W GaAs PA PCB Module for 5 GHz Application
More results


Similar Description - TMP04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
Serial Output Analog-to-Digital Converter
23-Feb-2017
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com