Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C44 Datasheet (PDF) - Catalyst Semiconductor

24C44 Datasheet PDF - Catalyst Semiconductor
Part # 24C44
Download  24C44 Download
File Size   44.45 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256-Bit Serial Nonvolatile CMOS Static RAM

24C44 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C44 Datasheet PDF - Catalyst Semiconductor

Part # 24C44
Download  24C44 Click to download

File Size   44.45 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256-Bit Serial Nonvolatile CMOS Static RAM

24C44 Datasheet (HTML) - Catalyst Semiconductor


24C44 Product details

DESCRIPTION

The CAT24C44 Serial NVRAM is a 256-bit nonvolatile memory organized as 16 words x 16 bits. The high speed Static RAM array is bit for bit backed up by a nonvolatile EEPROM array which allows for easy transfer of data from RAM array to EEPROM (STORE) and from EEPROM to RAM (RECALL). STORE operations are completed in 10ms max. and RECALL operations typically within 1.5µs. The CAT24C44 features unlimited RAM write operations either through external RAM writes or internal recalls from EEPROM. Internal falsestore protection circuitry prohibits STORE operations

when VCC is less than 3.5V (typical) ensuring EEPROM data integrity.



FEATURES

■Single 5V Supply

■Infinite EEPROM to RAM Recall

■CMOS and TTL Compatible I/O

■Low CMOS Power Consumption:

–Active: 3 mA Max.

–Standby: 30 µA Max.

■Power Up/Down Protection

■10 Year Data Retention

■JEDEC Standard Pinouts:

–8-pin DIP

–8-pin SOIC

■100,000 Program/Erase Cycles (EEPROM)

■Auto Recall on Power-up

■Commercial, Industrial and Automotive Temperature Ranges

■"Green" Package Options Available




Similar Part No. - 24C44

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
24C0.25YY BELDEN-24C0.25YY Datasheet
156Kb / 2P
MachFlex™ LiYY, 24 C 0.25mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
24C0.25YY-006100M BELDEN-24C0.25YY-006100M Datasheet
156Kb / 2P
MachFlex™ LiYY, 24 C 0.25mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
24C0.25YY-006200M BELDEN-24C0.25YY-006200M Datasheet
156Kb / 2P
MachFlex™ LiYY, 24 C 0.25mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
24C0.25YY-006300M BELDEN-24C0.25YY-006300M Datasheet
156Kb / 2P
MachFlex™ LiYY, 24 C 0.25mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
24C0.25YY-010100M BELDEN-24C0.25YY-010100M Datasheet
156Kb / 2P
MachFlex™ LiYY, 24 C 0.25mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
More results


Similar Description - 24C44

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
51Kb / 8P
256-Bit Serial Nonvolatile CMOS Static RAM
CAT24C44 CATALYST-CAT24C44_05 Datasheet
87Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44 Datasheet
67Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI ONSEMI-CAT24C44LI Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com