Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC10R48D12 Datasheet (PDF) - C&D Technologies

WPC10R48D12 Datasheet PDF - C&D Technologies
Part # WPC10R48D12
Download  WPC10R48D12 Download
File Size   114.72 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 2:1 WIDE INPUT RANGE DC/DC CONVERTER

WPC10R48D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
WPC10R48D12 Datasheet PDF - C&D Technologies

Part # WPC10R48D12
Download  WPC10R48D12 Click to download

File Size   114.72 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 2:1 WIDE INPUT RANGE DC/DC CONVERTER

WPC10R48D12 Datasheet (HTML) - C&D Technologies


WPC10R48D12 Product details

DESCRIPTION

The WPC10R is a family of high performance DC/DC converters that offer regulated outputs over two input voltage ranges of 18 - 36 and 28 - 75V and over a wide operating temperature range of -40°C to +100°C without derating.



FEATURES

●SAFETY APPROVALS (CULUS, CE)

●MEETS EN55022 LEVEL A & B FOR CONDUCTED EMISSIONS WITH A 10 MFD EXTERNAL CAPACITOR

●OPERATING TEMPERATURE RANGE: -40°C TO +100°C

●INDUSTRY STANDARD PINOUTS

●INDUSTRY STANDARD PACKAGE

●LOW PROFILE 0.4 INCH (10MM)

●SHORT CIRCUIT PROTECTION

●TEMPERATURE SHUTDOWN

●REMOTE ON/OFF (OPTIONAL)

●LOW RADIATED EMISSIONS



APPLICATIONS

●TELECOMMUNICATION APPLICATIONS

●BATTERY POWERED SYSTEMS

●PORTABLE INSTRUMENTS

●PROCESS CONTROL EQUIPMENT

●TRANSPORTATION EQUIPMENT

●DISTRIBUTED POWER SYSTEMS




Similar Part No. - WPC10R48D12

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
WPC10 L-COM-WPC10 Datasheet
56Kb / 1P
WALL PLATE SS W/1 .75 DIA
05/28/2003
logo
HellermannTyton.
WPC10-N66-NA-D1 HELLERMANNTYTON-WPC10-N66-NA-D1 Datasheet
318Kb / 3P
Wire Push In Clips
More results


Similar Description - WPC10R48D12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S DELTA-DB02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com