Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24WC128 Datasheet (PDF) - Catalyst Semiconductor

24WC128 Datasheet PDF - Catalyst Semiconductor
Part # 24WC128
Download  24WC128 Download
File Size   43.94 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 128K-Bit I2C Serial CMOS E2PROM

24WC128 Datasheet (PDF)

Go To PDF Page Download Datasheet
24WC128 Datasheet PDF - Catalyst Semiconductor

Part # 24WC128
Download  24WC128 Click to download

File Size   43.94 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 128K-Bit I2C Serial CMOS E2PROM

24WC128 Datasheet (HTML) - Catalyst Semiconductor


24WC128 Product details

DESCRIPTION
The CAT24WC128 is a 128K-bit Serial CMOS E2PROM internally organized as 16384 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces device power requirements. The CAT24WC128 features a 64-byte page write buffer. The device operates via the I2C bus serial interface and is available in 8-pin DIP, 8-pin SOIC or 14-pin TSSOP packages.

FEATURES
■ 1MHz I2C Bus Compatible*
■ 1.8 to 6 Volt Operation
■ Low Power CMOS Technology
■ 64-Byte Page Write Buffer
■ Self-Timed Write Cycle with Auto-Clear
■ Commercial, Industrial and Automotive Temperature Ranges
■ Write Protect Feature
    – Entire Array Protected When WP at VIH
■ 100,000 Program/Erase Cycles
■ 100 Year Data Retention
■ 8-Pin DIP, 8-Pin SOIC or 14-pin TSSOP
■ "Green" Package Options Available




Similar Part No. - 24WC128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
24WC16 CATALYST-24WC16 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Similar Description - 24WC128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
128K-Bit I2C Serial CMOS E2PROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
32K/64K-Bit I2C Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
64K/128K-Bit SPI Serial CMOS E2PROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
128K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
128K I2C??CMOS Serial EEPROM
2009
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com