Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C03 Datasheet (PDF) - Catalyst Semiconductor

CAT25C03 Datasheet PDF - Catalyst Semiconductor
Part # CAT25C03
Download  CAT25C03 Download
File Size   66.34 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K/4K/8K/16K/32K SPI Serial CMOS E2PROM

CAT25C03 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT25C03 Datasheet PDF - Catalyst Semiconductor

Part # CAT25C03
Download  CAT25C03 Click to download

File Size   66.34 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K/4K/8K/16K/32K SPI Serial CMOS E2PROM

CAT25C03 Datasheet (HTML) - Catalyst Semiconductor


CAT25C03 Product details

DESCRIPTION
The CAT25C11/03/05/09/17 is a 1K/2K/4K/8K/16K-Bit SPI Serial CMOS EEPROM internally organized as 128x8/256x8/512x8/1024x8/2048x8 bits. Catalyst’s advanced CMOS Technology substantially reduces device power requirements. The CAT25C11/03/05 features a 16-byte page write buffer. The 25C09/17 features a 32-byte page write buffer.

FEATURES
■ 10 MHz SPI compatible
■ 1.8 to 6.0 volt operation
■ Hardware and software protection
■ Low power CMOS technology
■ SPI modes (0,0 & 1,1)*
■ Commercial, industrial, automotive and extended temperature ranges
■ 1,000,000 program/erase cycles
■ 100 year data retention
■ Self-timed write cycle
■ 8-pin DIP/SOIC, 8-pin TSSOP and 8-pin MSOP
■ 16/32-byte page write buffer
■ Write protection
    – Protect first page, last page, any 1/4 array or lower 1/2 array




Similar Part No. - CAT25C03

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLATE13 CATALYST-CAT25C03GLATE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLETE13 CATALYST-CAT25C03GLETE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLITE13 CATALYST-CAT25C03GLITE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GVATE13 CATALYST-CAT25C03GVATE13 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Similar Description - CAT25C03

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
CMOS SPI 8K SERIAL E2PROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com