Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C65B Datasheet (PDF) - Catalyst Semiconductor

CAT28C65B Datasheet PDF - Catalyst Semiconductor
Part # CAT28C65B
Download  CAT28C65B Download
File Size   60.26 Kbytes
Page   11 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 64K-Bit CMOS PARALLEL E2PROM

CAT28C65B Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28C65B Datasheet PDF - Catalyst Semiconductor

Part # CAT28C65B
Download  CAT28C65B Click to download

File Size   60.26 Kbytes
Page   11 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 64K-Bit CMOS PARALLEL E2PROM

CAT28C65B Datasheet (HTML) - Catalyst Semiconductor


CAT28C65B Product details

DESCRIPTION
The CAT28C65B is a fast, low power, 5V-only CMOS parallel EEPROM organized as 8K x 8-bits. It requires a simple interface for in-system programming. On-chip address and data latches, self-timed write cycle with auto-clear and VCC power up/down write protection eliminate additional timing and protection hardware.
   
FEATURES
■ Fast read access times:
    – 90/120/150ns
■ Low power CMOS dissipation:
    – Active: 25 mA max.
    – Standby: 100 µA max.
■ Simple write operation:
    – On-chip address and data latches
    – Self-timed write cycle with auto-clear
■ Fast write cycle time:
    – 5ms max
■ CMOS and TTL compatible I/O
■ Hardware and software write protection
■ Commercial, industrial and automotive
    temperature ranges
■ Automatic page write operation:
    – 1 to 32 bytes in 5ms
    – Page load timer
■ End of write detection:
    – Toggle bit
    – DATA polling
    – RDY/BUSY
■ 100,000 program/erase cycles
■ 100 year data retention
   




Similar Part No. - CAT28C65B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B Datasheet
418Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C65B ONSEMI-CAT28C65B Datasheet
96Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
CAT28C65B ONSEMI-CAT28C65B Datasheet
81Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28C65BG-12T CATALYST-CAT28C65BG-12T Datasheet
418Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
CAT28C65BG-15T CATALYST-CAT28C65BG-15T Datasheet
418Kb / 13P
64K-Bit CMOS PARALLEL EEPROM
More results


Similar Description - CAT28C65B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
512K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
64K - BIT CMOS E2PROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com