Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28F002 Datasheet (PDF) - Catalyst Semiconductor

CAT28F002 Datasheet PDF - Catalyst Semiconductor
Part # CAT28F002
Download  CAT28F002 Download
File Size   140.3 Kbytes
Page   16 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2 Megabit CMOS Boot Block Flash Memory

CAT28F002 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28F002 Datasheet PDF - Catalyst Semiconductor

Part # CAT28F002
Download  CAT28F002 Click to download

File Size   140.3 Kbytes
Page   16 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2 Megabit CMOS Boot Block Flash Memory

CAT28F002 Datasheet (HTML) - Catalyst Semiconductor


CAT28F002 Product details

DESCRIPTION
The CAT28F002 is a high speed 256K X 8-bit electrically erasable and reprogrammable Flash memory ideally suited for applications requiring in-system or after sale code updates.
   
FEATURES
■ Fast Read Access Time: 90/120/150 ns
■ On-Chip Address and Data Latches
■ Blocked Architecture:
    — One 16-KB Protected Boot Block
        • Top or Bottom Locations
    — Two 8-KB Parameter Blocks
    — One 96-KB Main Block
    — One 128-KB Main Block
■ Hardware Data Protection
■ Automated Program and Erase Algorithms
■ Automatic Power Savings Feature
■ Low Power CMOS Operation
■ 12.0V ± 5% Programming and Erase Voltage
■ Electronic Signature
■ 100,000 Program/Erase Cycles and 10 Year Data Retention
■ Standard Pinouts:
    — 40-Lead TSOP
    — 40-Lead PDIP
■ High Speed Programming
■ Commercial, Industrial and Automotive Temperature Ranges
■ Reset/Deep PowerDown Mode
    — 0.2µA ICC Typical
    — Acts as Reset for Boot Operations
   




Similar Part No. - CAT28F002

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
More results


Similar Description - CAT28F002

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
2 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com