Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28F102 Datasheet (PDF) - Catalyst Semiconductor

CAT28F102 Datasheet PDF - Catalyst Semiconductor
Part # CAT28F102
Download  CAT28F102 Download
File Size   159.15 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1 Megabit CMOS Flash Memory

CAT28F102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28F102 Datasheet PDF - Catalyst Semiconductor

Part # CAT28F102
Download  CAT28F102 Click to download

File Size   159.15 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1 Megabit CMOS Flash Memory

CAT28F102 Datasheet (HTML) - Catalyst Semiconductor


CAT28F102 Product details

DESCRIPTION
The CAT28F102 is a high speed 64K x 16-bit electrically erasable and reprogrammable Flash memory ideally suited for applications requiring in-system or after-sale code updates. Electrical erasure of the full memory contents is achieved typically within 0.5 second.

FEATURES
■ Fast Read Access Time: 45/55/70/90 ns
■ Low Power CMOS Dissipation:
    –Active: 30 mA max (CMOS/TTL levels)
    –Standby: 1 mA max (TTL levels)
    –Standby: 100 µA max (CMOS levels)
■ High Speed Programming:
    –10 µs per byte
    –1 Sec Typ Chip Program
■ 0.5 Seconds Typical Chip-Erase
■ 12.0V ± 5% Programming and Erase Voltage
■ Commercial,Industrial and Automotive Temperature Ranges
■ 64K x 16 Word Organization
■ Stop Timer for Program/Erase
■ On-Chip Address and Data Latches
■ JEDEC Standard Pinouts:
    –40-pin DIP
    –44-pin PLCC
    –40-pin TSOP
■ 100,000 Program/Erase Cycles
■ 10 Year Data Retention
■ Electronic Signature




Similar Part No. - CAT28F102

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
More results


Similar Description - CAT28F102

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com