Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVI5013RPBF Datasheet (PDF) - International Rectifier

PVI5013RPBF Datasheet PDF - International Rectifier
Part # PVI5013RPBF
Download  PVI5013RPBF Download
File Size   874.39 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Photovoltaic Isolator Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel, 5V, 1.0關A

PVI5013RPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
PVI5013RPBF Datasheet PDF - International Rectifier

Part # PVI5013RPBF
Download  PVI5013RPBF Click to download

File Size   874.39 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Photovoltaic Isolator Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel, 5V, 1.0關A

PVI5013RPBF Datasheet (HTML) - International Rectifier


PVI5013RPBF Product details

General Description
The PVI5013R Photovoltaic Isolator is a dual-channel, opto-isolated driver capable of directly driving gates of power MOSFETs or IGBTs. It utilizes a monolithic integrated circuit photovoltaic generator of novel construction as its output. The output is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.
The PVI5013R is ideally suited for applications requiring high-current and/or high voltage switching with optical isolation between the low-level driving circuitry and high-energy or high- voltage load circuits. It can be used for directly driving gates of power MOSFETs. The dual- channel configuration allows its outputs to drive independent discrete power MOSFETs, or be connected in parallel or in series to provide higher-current drive for power MOSFETs or higher-voltage drive for IGBTs. PVI5013R employs a fast turn-off circuitry.
PVI5013R Photovoltaic Isolators are packaged in an 8-pin, molded DIP package with either thru-hole or surface-mount (gull-wing) terminals. It is available in standard plastic shipping tubes or on tape-and-reel. Please refer to Part Identification information opposite.

Features
■ Monolithic construction
■ 3,750 VRMS I/O isolation
■ 1,200 VDC output-to-output isolation
■ Dual-Channel application flexibility
■ Solid-State reliability
■ UL recognized and BABT Certified

Applications
■ Telecommunications
■ Load Distribution
■ Industrial Controls
■ Instrumentation and Measurement




Similar Part No. - PVI5013RPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
More results


Similar Description - PVI5013RPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI5013R IRF-PVI5013R Datasheet
143Kb / 4P
PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
Dual Photovoltaic MOSFET Driver Solid State Relay
07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
26-Sep-11
logo
International Rectifier
PVI5033RPBF IRF-PVI5033RPBF Datasheet
902Kb / 4P
Photovoltaic Isolator, Solid-State, Opto-Isolated MOSFET Gate Driver, Dual-Channel, 5V, 5關A
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com